Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3850 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3850 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M3850 Datasheet HTML 17Page - Renesas Technology Corp M3850 Datasheet HTML 18Page - Renesas Technology Corp M3850 Datasheet HTML 19Page - Renesas Technology Corp M3850 Datasheet HTML 20Page - Renesas Technology Corp M3850 Datasheet HTML 21Page - Renesas Technology Corp M3850 Datasheet HTML 22Page - Renesas Technology Corp M3850 Datasheet HTML 23Page - Renesas Technology Corp M3850 Datasheet HTML 24Page - Renesas Technology Corp M3850 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Rev.2.10
2005.11.14
page 21 of 86
REJ03B0093-0210
3850 Group (Spec.A)
Fig. 15 Interrupt control
Fig. 16 Structure of interrupt-related registers
Interrupt disable flag (I)
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
INT1 interrupt edge selection bit
INT2 interrupt edge selection bit
INT3 interrupt edge selection bit
Serial I/O2 / INT3 interrupt source bit
0 : INT3 interrupt selected
1 : Serial I/O2 interrupt selected
Not used (returns “0” when read)
(INTEDGE : address 003A16)
0 : Falling edge active
1 : Rising edge active
Interrupt request register 1
INT0 interrupt request bit
Reserved
INT1 interrupt request bit
INT2 interrupt request bit
INT3 / Serial I/O2 interrupt request bit
Reserved
Timer X interrupt request bit
Timer Y interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
Interrupt request register 2
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Serial I/O1 reception interrupt request bit
Serial I/O1 transmit interrupt request bit
CNTR0 interrupt request bit
CNTR1 interrupt request bit
AD converter interrupt request bit
Not used (returns “0” when read)
(IREQ2 : address 003D16)
0 : No interrupt request issued
1 : Interrupt request issued
Interrupt control register 1
INT0 interrupt enable bit
Reserved(Do not write “1” to this bit.)
INT1 interrupt enable bit
INT2 interrupt enable bit
INT3 / Serial I/O2 interrupt enable bit
Reserved(Do not write “1” to this bit.)
Timer X interrupt enable bit
Timer Y interrupt enable bit
(ICON1 : address 003E16)
Interrupt control register 2
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Serial I/O1 reception interrupt enable bit
Serial I/O1 transmit interrupt enable bit
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
AD converter interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit.)
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16)
0 : Interrupts disabled
1 : Interrupts enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com