Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3882 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M3882
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3882 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M3882 Datasheet HTML 45Page - Renesas Technology Corp M3882 Datasheet HTML 46Page - Renesas Technology Corp M3882 Datasheet HTML 47Page - Renesas Technology Corp M3882 Datasheet HTML 48Page - Renesas Technology Corp M3882 Datasheet HTML 49Page - Renesas Technology Corp M3882 Datasheet HTML 50Page - Renesas Technology Corp M3882 Datasheet HTML 51Page - Renesas Technology Corp M3882 Datasheet HTML 52Page - Renesas Technology Corp M3882 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 49 of 60
REJ03B0089-0101
3882 Group
Fig. 45 State transitions of system clock
CM7, CM6: Main clock division ratio selection bit
b7 b6
0
0 :
φ = f(XIN)/2 ( High-speed mode)
0
1 :
φ = f(XIN)/8 (Middle-speed mode)
1
0 : Not available
1
1 : Not available
Notes
Reset
CM6
“1”
←→“0”
CPU mode register
b7 b6
(CPUM : address 003B16)
CM7=0
CM6=1
Middle-speed mode
(f(
φ)=1 MHz)
CM7=0
CM6=0
High-speed mode
(f(
φ)=4 MHz)
1 : Switch the mode by the allows shown between the mode blocks. (Do not switch between the modes directly without an allow.)
2 : The all modes can be switched to the stop mode or the wait mode and return to the source mode when the stop mode or the wait mode is
ended.
3 : Timer operates in the wait mode.
4 : When the stop mode is ended, a delay of approximately 1 ms occurs by connecting prescaler 12 and Timer 1 in middle/high-speed mode.
5 : The example assumes that 8 MHz is being applied to the XIN pin .
φ indicates the internal clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com