Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS6DNF30V Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS6DNF30V
Description  DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS6DNF30V Datasheet(HTML) 2 Page - STMicroelectronics

  STS6DNF30V Datasheet HTML 1Page - STMicroelectronics STS6DNF30V Datasheet HTML 2Page - STMicroelectronics STS6DNF30V Datasheet HTML 3Page - STMicroelectronics STS6DNF30V Datasheet HTML 4Page - STMicroelectronics STS6DNF30V Datasheet HTML 5Page - STMicroelectronics STS6DNF30V Datasheet HTML 6Page - STMicroelectronics STS6DNF30V Datasheet HTML 7Page - STMicroelectronics STS6DNF30V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS6DNF30V
2/8
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-amb
Thermal Resistance Junction-ambient Max Single Operation
Thermal Resistance Junction-ambient Max Dual Operation
78
62.5
°C/W
°C/W
Tj
Max. Operating Junction Temperature
150
°C
Tstg
Storage Temperature
–65 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ±12V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
0.6
V
RDS(on)
Static Drain-source On
Resistance
VGS = 4.5 V, ID = 3 A
0.026
0.030
Ω
VGS = 2.5 V, ID = 3 A
0.030
0.038
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > ID(on) x RDS(on)max,
ID = 3 A
15
S
Ciss
Input Capacitance
VDS = 25 V, f = 1 MHz, VGS = 0
800
pF
Coss
Output Capacitance
180
pF
Crss
Reverse Transfer
Capacitance
32
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com