Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34286 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M34286
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M34286 Datasheet HTML 35Page - Renesas Technology Corp M34286 Datasheet HTML 36Page - Renesas Technology Corp M34286 Datasheet HTML 37Page - Renesas Technology Corp M34286 Datasheet HTML 38Page - Renesas Technology Corp M34286 Datasheet HTML 39Page - Renesas Technology Corp M34286 Datasheet HTML 40Page - Renesas Technology Corp M34286 Datasheet HTML 41Page - Renesas Technology Corp M34286 Datasheet HTML 42Page - Renesas Technology Corp M34286 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
4286 Group
Rev.1.00
Aug 06, 2008
page 39 of 64
REJ03B0251-0100
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
SNZT1 (Skip if Non Zero condition of Timer 1 underflow flag)
001000010
042
11
–
(T1F) = 1
Grouping:
Timer operation
Description: Clears T1F flag and skips the next instruc-
tion when the contents of T1F flag is “1.”
Operation:
(T1F) = 1 ?
(T1F)
0
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
SNZP (Skip if Non Zero condition of Power down flag)
000000011
003
11
–
(P) = 1
Grouping:
Other operation
Description:
Operation:
(P) = 1 ?
SNZT2 (Skip if Non Zero condition of Timer 2 interrupt request flag)
001010010
052
11
–
(T2F) = 1
Grouping:
Timer operation
Description: Clears T2F flag and skips the next instruc-
tion when the contents of T2F flag is “1.”
Operation:
(T2F) = 1 ?
(T2F)
0
Skips the next instruction when P flag is "1".
After skipping, P flag remains unchanged.
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
SZBj (Skip if Zero, Bit)
0001000j1
j0
02j
11
–
(Mj(DP)) = 0
j = 0 to 3
Grouping:
Bit operation
Description: Skips the next instruction when the con-
tents of bit j (bit specified by the value j in
the immediate field) of M(DP) is "0."
Operation:
(Mj(DP)) = 0 ?
j = 0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com