Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34282E2GP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M34282E2GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34282E2GP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M34282E2GP Datasheet HTML 17Page - Renesas Technology Corp M34282E2GP Datasheet HTML 18Page - Renesas Technology Corp M34282E2GP Datasheet HTML 19Page - Renesas Technology Corp M34282E2GP Datasheet HTML 20Page - Renesas Technology Corp M34282E2GP Datasheet HTML 21Page - Renesas Technology Corp M34282E2GP Datasheet HTML 22Page - Renesas Technology Corp M34282E2GP Datasheet HTML 23Page - Renesas Technology Corp M34282E2GP Datasheet HTML 24Page - Renesas Technology Corp M34282E2GP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 21 of 67
4282 Group
Fig. 26 Clock control circuit structure
System clock signal f(XIN) is obtained by externally connecting a
ceramic resonator. Connect this external circuit to pins XIN and
XOUT at the shortest distance as shown Figure 27.
A feedback resistor is built-in between XIN pin and XOUT pin.
ROM ORDERING METHOD
Please submit the information described below when ordering
Mask ROM.
(1) Mask ROM Order Confirmation Form*
(2) Mark Specification Form
(3) Data to be written to ROM, in EPROM form (three identical
copies) or one floppy disk.
* For the mask ROM confirmation and the mark specifications,
refer to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com/en/rom).
Fig. 27 Ceramic resonator external circuit
CLOCK CONTROL
The clock control circuit consists of the following circuits.
• System clock generating circuit
• Control circuit to stop the clock oscillation
• Control circuit to return from the RAM back-up state
4282
XIN
XOUT
CIN
COUT
45
Use the resonator
manufacturer’s
recommended value
because constants
such as capacitance
depend on the
resonator.
OSC
R
S
Q
POF instruction
XIN
XOUT
Ports E0,E1,G0–G3
Pull-down control
register PU0
Port E2
Internal clock
generation circuit
(divided by 4)
Frequency
divider
(divided by 8)
CCK instruction
STCK
INSTCK
Internal power-on reset circuit
Ports D4–D7
Pull-down control
register 1
Multi-
plexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com