Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34286G2GP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M34286G2GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286G2GP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M34286G2GP Datasheet HTML 45Page - Renesas Technology Corp M34286G2GP Datasheet HTML 46Page - Renesas Technology Corp M34286G2GP Datasheet HTML 47Page - Renesas Technology Corp M34286G2GP Datasheet HTML 48Page - Renesas Technology Corp M34286G2GP Datasheet HTML 49Page - Renesas Technology Corp M34286G2GP Datasheet HTML 50Page - Renesas Technology Corp M34286G2GP Datasheet HTML 51Page - Renesas Technology Corp M34286G2GP Datasheet HTML 52Page - Renesas Technology Corp M34286G2GP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Rev.1.00
Aug 06, 2008
page 49 of 64
REJ03B0251-0100
4286 Group
Skip condition
Detailed description
Transfers the contents of register B to register A.
Transfers the contents of register A to register B.
Transfers the contents of register Y to register A.
Transfers the contents of register A to register Y.
Transfers the contents of registers A and B to register E.
Transfers the contents of register E to registers A and B.
Transfers the contents of register A to register D.
Loads the value x in the immediate field to register X, and the value y in the immediate field to register
Y.
When the LXY instructions are continuously coded and executed, only the first LXY instruction is executed
and other LXY instructions coded continuously are skipped.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the
next instruction is skipped.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y
is 15, the next instruction is skipped.
After transferring the contents of M(DP) to register A, an exclusive OR operation is performed between
register X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y
is 15, the next instruction is skipped.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is
performed between register X and the value j in the immediate field, and stores the result in register X.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the
next instruction is skipped.
–
–
–
–
–
–
–
Continuous
description
(Y) = 0
(Y) = 15
–
–
(Y) = 15
(Y) = 0
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com