Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 31Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 32Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 33Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 34Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 35Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 36Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 37Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 38Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
35/89
PSD4235G2
Output Macrocell (OMC). Eight of the Output
Macrocells (OMC) are connected to Ports A pins
and are named as McellA0-McellA7. The other
eight Macrocells are connected to Ports B pins
and are named as McellB0-McellB7.
The Output Macrocell (OMC) architecture is
shown in Figure 15. As shown in the figure, there
are native product terms available from the AND
Array, and borrowed product terms available (if
unused) from other Output Macrocells (OMC). The
polarity of the product term is controlled by the
XOR gate. The Output Macrocell (OMC) can im-
plement either sequential logic, using the flip-flop
element, or combinatorial logic. The multiplexer
selects between the sequential or combinatorial
logic outputs. The multiplexer output can drive a
port pin and has a feedback path to the AND Array
inputs.
The flip-flop in the Output Macrocell (OMC) block
can be configured as a D, T, JK, or SR type in the
PSDsoft Express program. The flip-flop’s clock,
preset, and clear inputs may be driven from a
product term of the AND Array. Alternatively, the
external CLKIN (PD1) signal can be used for the
clock input to the flip-flop. The flip-flop is clocked
on the rising edge of CLKIN (PD1). The preset and
clear are active High inputs. Each clear input can
use up to two product terms.
Table 33. Output Macrocell Port and Data Bit Assignments
Output
Macrocell
Port
Assignment
Native Product
Terms
Maximum
Borrowed
Product Terms
Data Bit for
Loading or
Reading
Motorola 16-Bit
MCU for Loading or
Reading
McellA0
Port A0
3
6
D0
D8
McellA1
Port A1
3
6
D1
D9
McellA2
Port A2
3
6
D2
D10
McellA3
Port A3
3
6
D3
D11
McellA4
Port A4
3
6
D4
D12
McellA5
Port A5
3
6
D5
D13
McellA6
Port A6
3
6
D6
D14
McellA7
Port A7
3
6
D7
D15
McellB0
Port B0
4
5
D8
D0
McellB1
Port B1
4
5
D9
D1
McellB2
Port B2
4
5
D10
D2
McellB3
Port B3
4
5
D11
D3
McellB4
Port B4
4
6
D12
D4
McellB5
Port B5
4
6
D13
D5
McellB6
Port B6
4
6
D14
D6
McellB7
Port B7
4
6
D15
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com