Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNB4580F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RNB4580F
Description  Dual Low Noise Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNB4580F Datasheet(HTML) 3 Page - Renesas Technology Corp

  RNB4580F Datasheet HTML 1Page - Renesas Technology Corp RNB4580F Datasheet HTML 2Page - Renesas Technology Corp RNB4580F Datasheet HTML 3Page - Renesas Technology Corp RNB4580F Datasheet HTML 4Page - Renesas Technology Corp RNB4580F Datasheet HTML 5Page - Renesas Technology Corp RNB4580F Datasheet HTML 6Page - Renesas Technology Corp RNB4580F Datasheet HTML 7Page - Renesas Technology Corp RNB4580F Datasheet HTML 8Page - Renesas Technology Corp RNB4580F Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RNB4580 Series
Rev.1.00 Dec 25, 2006 page 3 of 8
Absolute Maximum Ratings
(Ta = 25°C)
Ratings
Item
Symbol
RNB4580
RNB4580F
RNB4580RP
Unit
VCC
18
18
18
V
Supply Voltage
VEE
–18
–18
–18
V
Differential input voltage
VIN (diff)
±30
±30
±30
V
Common mode input voltage
VCM *
3
±15
±15
±15
V
Power dissipation
PT
670 *
1
385 *
2
385 *
2
mW
Operating temperature
Topr
–40 to +85
–40 to +85
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
–55 to +125
–55 to +125
°C
Notes: 1. This is the allowable value up to Ta = 45°C. Derate by 8.3 mW/°C above that temperature.
2. These are the allowable values up to Ta = 60°C mounting on 40mm
× 40mm × 1.6mm (t) 10% wiring density
glass epoxy board. Derate by 5.9 mW/°C above that temperature.
3. If the supply voltage is less than
±15 V, input voltage should be less than supply voltage.
Electrical Characteristics
(Ta = 25°C, VCC = +15 V, VEE = –15 V, unless otherwise specified)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
VIO
—
0.5
3
mV
RS ≤ 10 kΩ
Input offset current
IIO
—
5
100
nA
Input bias current
IIB
—
150
500
nA
Supply current
ICC
—
4
7
mA
Power supply rejection ratio
PSRR
80
110
—
dB
RS ≤ 10 kΩ
Voltage gain
AV
90
110
—
dB
RL ≥ 2 kΩ, VO = ±10 V
Common mode rejection ratio
CMR
80
110
—
dB
RS ≤ 10 kΩ, VCM = 0 V to
VCC = –1.5 V
Output sink current
IOSINK
—
80
—
mA
VIN(–) = 1 V, VIN(+) = 0 V,
VO = 2 V
Output source current
IOSOURCE
—
45
—
mA
VIN(–) = 0 V, VIN(+) = 1 V,
VO = 2 V
Input common mode voltage range
VICM
±12
±13.5
—
V
Slew rate
SR
—
7
—
V/
µs
Equivalent input noise voltage
VNI
—
0.7
—
µVrms
RIAA, RS = 2.2 kΩ,
30 kHz LPF
Gain bandwidth product
GBP
—
15
—
MHz
f = 10 kHz, RL = 2 kΩ
Total harmonic distortion
THD
—
0.0005
—
%
AV = 20 dB, VO = 5 V,
RL = 2 kΩ, f = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com