Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS7C4F30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS7C4F30L
Description  N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7C4F30L Datasheet(HTML) 3 Page - STMicroelectronics

  STS7C4F30L Datasheet HTML 1Page - STMicroelectronics STS7C4F30L Datasheet HTML 2Page - STMicroelectronics STS7C4F30L Datasheet HTML 3Page - STMicroelectronics STS7C4F30L Datasheet HTML 4Page - STMicroelectronics STS7C4F30L Datasheet HTML 5Page - STMicroelectronics STS7C4F30L Datasheet HTML 6Page - STMicroelectronics STS7C4F30L Datasheet HTML 7Page - STMicroelectronics STS7C4F30L Datasheet HTML 8Page - STMicroelectronics STS7C4F30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STS7C4F30L
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
N-CHANNEL
VDD = 15 V
ID = 3.5 A
RG = 4.7 Ω
VGS = 4.5 V
P-CHANNEL
VDD = 15 V
ID = 2 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 1)
n-ch
p-ch
n-ch
p-ch
22
25
60
35
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
N-CHANNEL
VDD = 24V ID = 7A VGS = 5V
P-CHANNEL
VDD = 24V ID = 4A VGS = 5V
(see test circuit, Figure 2)
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
17.5
12.5
4
5
7
3
23
16
nC
nC
nC
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
N-CHANNEL
VDD = 15 V
ID = 3.5 A
RG = 4.7 Ω
VGS = 4.5 V
P-CHANNEL
VDD = 15 V
ID = 2 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 1)
n-ch
p-ch
n-ch
p-ch
42
125
10
35
ns
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
n-ch
p-ch
n-ch
p-ch
7
4
28
16
A
A
A
A
VSD(∗)
Forward On Voltage
ISD = 7 A
VGS = 0
ISD = 4 A
VGS = 0
n-ch
p-ch
1.2
1.2
V
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
N-CHANNEL
ISD = 7 A
di/dt = 100A/
µs
VDD =15 VTj =150 oC
P-CHANNEL
ISD = 4 A
di/dt = 100A/
µs
VDD =15 V
Tj =150 oC
(see test circuit, Figure 3)
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
50
45
40
36
1.6
1.6
ns
ns
nC
nC
A
A
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com