Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4135G2-12UI Datasheet(PDF) 57 Page - STMicroelectronics

Part # PSD4135G2-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135G2-12UI Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PSD4135G2-12UI Datasheet HTML 53Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 54Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 55Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 56Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 57Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 58Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 59Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 60Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
PSD4000 Series
Preliminary Information
54
The
PSD4000
Functional
Blocks
(cont.)
DATA OUT
REG.
DQ
D
G
Q
DQ
DQ
WR
WR
WR
ADDRESS
ALE
READ MUX
P
D
B
CONTROL REG.
DIR REG.
PLD INPUT (PORT F)
ISP OR BATTERY BACK-UP (PORT E)
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT PIN
DATA OUT
ADDRESS
A[ 7:0] OR A[15:8]
CONFIGURATION
BIT
Figure 23. Ports E, F and G Structure
9.4.8 Port F – Functionality and Structure
Port F can be configured to perform one or more of the following functions:
t MCU I/O Mode
t PLD Input – as direct input ot the PLD array.
t Address In – additional high address inputs. Direct input to the PLD array.
t Latched Address Out – Provide latched address out per Table 29.
t Slew Rate – pins can be set up for fast slew rate.
t Data Port – connected to D[7:0] when Port F is configured as Data Port for a
non-multiplexed bus.
t MCU Reset Mode – for 16-bit Motorola 683XX and HC16 microcontrollers.
9.4.9 Port G – Functionality and Structure
Port G can be configured to perform one or more of the following functions:
t MCU I/O Mode
t Latched Address Out – provide latched address out per Table 29.
t Open Drain – pins can be configured in Open Drain Mode
t Data Port – connected to D[15:8] when Port G is configured as Data Port for a
non-multiplexed bus.
t MCU Reset Mode – for 16-bit Motorola 683XX and HC16 microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com