Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS7PF30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS7PF30L
Description  P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7PF30L Datasheet(HTML) 3 Page - STMicroelectronics

  STS7PF30L Datasheet HTML 1Page - STMicroelectronics STS7PF30L Datasheet HTML 2Page - STMicroelectronics STS7PF30L Datasheet HTML 3Page - STMicroelectronics STS7PF30L Datasheet HTML 4Page - STMicroelectronics STS7PF30L Datasheet HTML 5Page - STMicroelectronics STS7PF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
STS7PF30L
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON(2)
SWITCHING OFF(2)
SOURCE DRAIN DIODE (2)
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =15V, ID = 3.5A
RG = 4.7Ω VGS =4.5 V
(Resistive Load, Figure 3)
68
ns
tr
Rise Time
54
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =15V,ID =7 A,
VGS = 4.5V
28
8.8
12
38
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD =15 V, ID = 3.5 A,
RG =4.7Ω, VGS = 4.5 V
(Resistive Load, Figure 3)
65
23
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
7
A
ISDM (1)
Source-drain Current (pulsed)
28
A
VSD (2)
Forward On Voltage
ISD = 7 A, VGS =0
1.2
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 7A, di/dt = 100A/µs,
VDD =24 V,Tj = 150°C
(see test circuit, Figure 5)
40
46
2.3
ns
nC
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com