Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8NFS30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS8NFS30L
Description  N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8NFS30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS8NFS30L Datasheet HTML 1Page - STMicroelectronics STS8NFS30L Datasheet HTML 2Page - STMicroelectronics STS8NFS30L Datasheet HTML 3Page - STMicroelectronics STS8NFS30L Datasheet HTML 4Page - STMicroelectronics STS8NFS30L Datasheet HTML 5Page - STMicroelectronics STS8NFS30L Datasheet HTML 6Page - STMicroelectronics STS8NFS30L Datasheet HTML 7Page - STMicroelectronics STS8NFS30L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STS8NFS30L
N - CHANNEL 30V - 0.018
Ω - 8A S0-8
STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
DESCRIPTION:
This product associates the latest low voltage
StripFET™ in n-channel version to a low drop
Schottky diode. Such configuration is extremely
versatile in implementing, a large variety of DC-
DC converters for printers, portable equipment,
and cellular phones.
®
December 1999
INTERNAL SCHEMATIC DIAGRAM
MOSFET ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Uni t
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)30
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC8
A
ID
Drain Current (continuous) at Tc = 100
oC5
A
IDM(
•)
Drain Current (pulsed)
32
A
Ptot
Tot al Dissipation at Tc =25
oC2.5
W
MAIN PRODUCT CHARACTERISTICS
MOSFET
VDSS
RDS(on )
ID
30 V
<0.022
Ω
8A
SCHOTTKY
IF(AV)
VRRM
VF(MAX)
3A
30 V
0.51V
SO-8
SCHOTTKY ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Un it
VRRM
Repetitive Peak Reverse Voltage
30
V
IF(RMS)
RMS Forward Current
20
A
IF (AV)
Average F orward Current
TL=125
oC
δ =0.5
3A
IFSM
Surge Non Repetit ive Forward Current
tp= 10 ms
Sinusoidal
75
A
IRSM
Non Repetitive Peak Reverse Current
tp=100
µs1
A
dv/dt
Critical Rat e Of Rise Of Reverse Voltage
10000
V/
µs
(
•) Pulse width limited by safe operating area
1/8


Similar Part No. - STS8NFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8NF30L STMICROELECTRONICS-STS8NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
Dec-1999
More results

Similar Description - STS8NFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NFS03L STMICROELECTRONICS-STB70NFS03L Datasheet
49Kb / 6P
N - CHANNEL 30V - 0.008ohm - 70A D2PAK STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Apr-2000
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Aug-2001
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Feb-1999
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
May-2000
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Oct-2000
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
Nov-1999
STS8NF30L STMICROELECTRONICS-STS8NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
Dec-1999
STS4DNFS30 STMICROELECTRONICS-STS4DNFS30 Datasheet
297Kb / 12P
N-channel - 30V - 0.044ohm - 4.5A SO-8 STripFET tm Power MOSFET plus schottky rectifier
19-Jul-2005
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com