Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSJ25NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSJ25NF3LL
Description  N-CHANNEL 30V - 0.0085OHM-25A PowerSO-8TM LOW GATE CHARGE STripFET TM II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ25NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STSJ25NF3LL Datasheet HTML 1Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 2Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 3Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 4Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 5Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 6Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 7Page - STMicroelectronics STSJ25NF3LL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2003
NEW DATASHEET ACCORDING TO PCN DSG/CT/2C13 MARKING: 25NF3LL@
STSJ25NF3LL
N-CHANNEL 30V - 0.0085
Ω - 25A PowerSO-8™
LOW GATE CHARGE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0085 Ω @ 10V
s
TYPICAL Qg = 24 nC @ 4.5 V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
s
IMPROVED JUNCTION-CASE THERMAL
RESISTANCE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
“Single
Feature
Size™” strip-based process. This silicon, housed
in thermally improved SO-8™ package, exhibits
optimal on-resistance versus gate charge trade-
off plus lower Rthj-c.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS FOR MOBILE PCS
TYPE
VDSS
RDS(on)
ID
STSJ25NF3LL
30 V
<0.0105
Ω
25 A
PowerSO-8™
INTERNAL SCHEMATIC DIAGRAM
DRAIN CONTACT ALSO ON THE BACKSIDE
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Value limited by wires bonding
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C (*)
25
A
ID
Drain Current (continuous) at TC = 25°C (#)
12
A
ID
Drain Current (continuous) at TC = 100°C
16
A
IDM(•)
Drain Current (pulsed)
100
A
Ptot
Total Dissipation at TC = 25°C
Total Dissipation at TC = 25°C (#)
70
3
W
W


Similar Part No. - STSJ25NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
logo
VBsemi Electronics Co.,...
STSJ2NM60 VBSEMI-STSJ2NM60 Datasheet
562Kb / 10P
Power MOSFET
More results

Similar Description - STSJ25NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ50NH3LL STMICROELECTRONICS-STSJ50NH3LL Datasheet
683Kb / 13P
N-channel 30V - 0.008ohm - 12A - PowerSO-8 Ultra low gate charge STripFET Power MOSFET
03-Apr-2006
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Nov-2002
STV160NF03LA STMICROELECTRONICS-STV160NF03LA Datasheet
531Kb / 8P
N-CHANNEL 30V - 0.0021OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Dec-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
February 2007
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
N-channel 100V - 0.033Ω - 25A - DPAK Low gate charge STripFET™II Power MOSFET
20-Apr-2007
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
03-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com