Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38265EBGP Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M38265EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38265EBGP Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M38265EBGP Datasheet HTML 82Page - Renesas Technology Corp M38265EBGP Datasheet HTML 83Page - Renesas Technology Corp M38265EBGP Datasheet HTML 84Page - Renesas Technology Corp M38265EBGP Datasheet HTML 85Page - Renesas Technology Corp M38265EBGP Datasheet HTML 86Page - Renesas Technology Corp M38265EBGP Datasheet HTML 87Page - Renesas Technology Corp M38265EBGP Datasheet HTML 88Page - Renesas Technology Corp M38265EBGP Datasheet HTML 89Page - Renesas Technology Corp M38265EBGP Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 86 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.12 Notes on watchdog timer
(1) The watchdog timer is operating during the wait mode. Write data to the watchdog timer control
register to prevent timer underflow.
(2) The watchdog timer stops during the stop mode. However, the watchdog timer is running during the
clock stabilization period and the watchdog timer control register must be written just before executing
the STP instruction.
(3) The count source of the watchdog timer is affected by the system clock φ selected by the system
clock selection bit (bit 7 of CPU mode register (address 3B16)).
3.3.13 Notes on reset circuit
(1)
Reset input voltage control
Make sure that the reset input voltage is less than 0.2 Vcc for Vcc(min).
(2)
Countermeasures for reset signal slow rising
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across
the RESET pin and the Vss pin. Use a 1000 pF or more capacitor for high frequency use. When
connecting the capacitor, note the following:
•Make the length of the wiring which is connected to a capacitor as short as possible.
•Be sure to verify the operation of application products on the user side.
●Reason
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may
cause a microcomputer failure.
(3)
Port state immediately after reset
Table 3.3.1 shows the each pin state during RESET pin is “L”.
Table 3.3.1 Each pin state during RESET pin is “L”
Pin name
P0, P1 (SEG26–SEG39)
P2, P41–P47, P5, P6
P3 (SEG18–SEG25)
P70
P40, P71–P77
SEG0–SEG17
COM0–COM3
Pin state
Input mode (with pull-up)
Input mode (high-impedance)
Pulled up to Vcc level
High-impedance
Input mode (high-impedance)
Vcc level output
Vcc level output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com