Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD935G2-12UI Datasheet(PDF) 29 Page - STMicroelectronics

Part # PSD935G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD935G2-12UI Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PSD935G2-12UI Datasheet HTML 25Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 26Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 27Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 28Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 29Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 30Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 31Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 32Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
PSD9XX Family
PSD935G2
28
The
PSD935G2
Functional
Blocks
(cont.)
Level 1
SRAM, I /O
Level 2
Secondary Flash Memory
Highest Priority
Lowest Priority
Level 3
Main Flash Memory
Figure 6. Priority Level of Memory and I/O Components
9.1.3.1. Memory Select Configuration for MCUs with Separate Program and Data Spaces
The 80C51 and compatible family of microcontrollers, can be configured to have separate
address spaces for code memory (selected using PSEN) and data memory (selected using
RD). Any of the memories within the PSD935G2 can reside in either space or both spaces.
This is controlled through manipulation of the VM register that resides in the PSD’s CSIOP
space.
The VM register is set using PSDsoft to have an initial value. It can subsequently be
changed by the microcontroller so that memory mapping can be changed on-the-fly.
For example, you may wish to have SRAM and main Flash in Data Space at boot, and
secondary Flash memory in Program Space at boot, and later swap main and secondary
Flash memory. This is easily done with the VM register by using PSDsoft to configure it for
boot up and having the microcontroller change it when desired.
Table 11 describes the VM Register.
Bit 7
Bit 6* Bit 5*
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PIO_EN
FL_Data Boot_Data
FL_Code
Boot_Code SRAM_Code
0 = disable
**
0 = RD
0 = RD
0 = PSEN
0 = PSEN
0 = PSEN
PIO mode
can’t
can’t
can’t
can’t
can’t
access
access
access
access
access
Flash
Boot Flash
Flash
Boot Flash
SRAM
1= enable
**
1 = RD
1 = RD
1 = PSEN
1 = PSEN
1 = PSEN
PIO mode
access
access
access
access
access
Flash
Boot Flash
Flash
Boot Flash
SRAM
Table 11. VM Register
NOTE: Bits 6-5 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com