| Electronic Components Datasheet Search |
|
M38266ECGP Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38266ECGP Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 21 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 17 Port block diagram (4) (18) Port P61 (19) Port P62 (20) Port P63 Serial I/O2 output Serial I/O2 transmit end signal Serial I/O2 synchronous clock selection bit Serial I/O2 port selection bit Pull-up control Analog input pin selection bit A/D converter input P61/SOUT2 P-channel output disable bit (21) COM0–COM3 (22) SEG0–SEG17 VL3 VL2 VL1 VSS VL2/VL3 VL1/VSS (23) Port P70 INT0 input Serial I/O2 synchronous clock selection bit Serial I/O2 clock output Serial I/O2 clock input Serial I/O2 port selection bit Synchronous clock output pin selection bit A/D converter input Serial I/O2 clock output A/D converter input Direction register Port latch Data bus Pull-up control Direction register Port latch Data bus Analog input pin selection bit Pull-up control Direction register Port latch Data bus Analog input pin selection bit Serial I/O2 synchronous clock selection bit Serial I/O2 port selection bit Data bus The gate input signal of each transistor is controlled by the LCD duty ratio and the bias value. The voltage applied to the sources of P- channel and N-channel transistors is the controlled voltage by the bias value. Synchronous clock output pin selection bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |