Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HCT240FPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HCT240FPEL
Description  Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT240FPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HCT240FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HCT240FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HCT240FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HCT240FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HCT240FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HCT240FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HCT240FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74HCT240
Rev.2.00 Mar 30, 2006 page 3 of 6
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
4.5 to 5.5
V
Input / Output voltage
VIN, VOUT
0 to VCC
V
Operating temperature
Ta
–40 to 85
°C
Input rise / fall time
*1
tr, tf
0 to 500
ns
VCC = 4.5 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
VIH
4.5 to 5.5
2.0
—
—
2.0
—
V
Input voltage
VIL
4.5 to 5.5
—
—
0.8
—
0.8
V
4.5
4.4
—
—
4.4
—
IOH = –20
µA
VOH
4.5
4.18
—
—
4.13
—
V
Vin = VIH or VIL
IOH = –6 mA
4.5
—
—
0.1
—
0.1
IOL = 20
µA
Output voltage
VOL
4.5
—
—
0.26
—
0.33
V
Vin = VIH or VIL
IOL = 6 mA
Off-state output
current
IOZ
5.5
—
—
±0.5
—
±5.0
µA
Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
5.5
—
—
±0.1
—
±1.0
µA
Vin = VCC or GND
Quiescent current
ICC
5.5
—
—
4.0
—
40
µA
Vin = VCC or GND, Iout = 0
µA
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
tPHL
4.5
—
13
20
—
25
Propagation delay time
tPLH
4.5
—
9
20
—
25
ns
tZL
4.5
—
14
30
—
38
Output enable time
tZH
4.5
—
12
30
—
38
ns
tLZ
4.5
—
14
30
—
38
Output disable time
tHZ
4.5
—
18
30
—
38
ns
Output rise/fall time
tTLH
tTHL
4.5
—
4
12
—
15
ns
Input capacitance
Cin
—
—
5
10
—
10
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com