Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS03 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS03
Description  Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS03 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS03 Datasheet HTML 1Page - Renesas Technology Corp HD74LS03 Datasheet HTML 2Page - Renesas Technology Corp HD74LS03 Datasheet HTML 3Page - Renesas Technology Corp HD74LS03 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.2.00, Feb.18.2005, page 1 of 3
HD74LS03
Quadruple 2-Input Positive NAND Gates
(with Open Collector Outputs)
REJ03D0390–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS03P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS03FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
4B
4A
4Y
3A
3B
1A
GND
1B
1Y
2A
2B
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Circuit Schematic (1/4)
A
8k
20k
4.5k
VCC
GND
Y
Output
Inputs
B


Similar Part No. - HD74LS03

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS03 HITACHI-HD74LS03 Datasheet
44Kb / 5P
Quadruple 2-input Positive NAND Gates(with Open Colletor Outputs)
HD74LS03 HITACHI-HD74LS03 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5401 TI-SN5401 Datasheet
208Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5403 TI-SN5403 Datasheet
123Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS01 HITACHI-HD74LS01 Datasheet
44Kb / 5P
Quadruple 2-input Positive NAND Gates(with Open Collector Outputs)
logo
Texas Instruments
SN54ALS01 TI-SN54ALS01 Datasheet
42Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54L03 TI-SN54L03 Datasheet
286Kb / 6P
Quadruple 2-input positive-nand gates with open-collector outputs
SN54H01 TI-SN54H01 Datasheet
236Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5401 TI-SN5401_07 Datasheet
592Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS01 RENESAS-HD74LS01 Datasheet
52Kb / 4P
Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN5403 TI1-SN5403_13 Datasheet
668Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS01 TI1-SN54ALS01_08 Datasheet
59Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com