Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS02P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74LS02P
Description  Quadruple 2-Input Positive NOR Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LS02P Datasheet(HTML) 1 Page - Renesas Technology Corp

  74LS02P Datasheet HTML 1Page - Renesas Technology Corp 74LS02P Datasheet HTML 2Page - Renesas Technology Corp 74LS02P Datasheet HTML 3Page - Renesas Technology Corp 74LS02P Datasheet HTML 4Page - Renesas Technology Corp 74LS02P Datasheet HTML 5Page - Renesas Technology Corp 74LS02P Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Feb.18.2005, page 1 of 5
HD74LS02
Quadruple 2-Input Positive NOR Gates
REJ03D0389–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS02P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS02FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS02RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
4Y
4B
4A
3B
3Y
1Y
GND
1A
1B
2Y
2A
2B
3A
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - 74LS02P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LS02 FAIRCHILD-74LS02 Datasheet
59Kb / 5P
Quad 2-Input NOR Gate
logo
Hitachi Semiconductor
74LS02 HITACHI-74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
SYC Electronica
74LS02 SYC-74LS02 Datasheet
112Kb / 5P
Quad 2-Input NOR Gate
logo
Fairchild Semiconductor
74LS02N FAIRCHILD-74LS02N Datasheet
59Kb / 5P
Quad 2-Input NOR Gate
More results

Similar Description - 74LS02P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com