Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS11 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS11
Description  Triple 3-input Positive AND Gates (with Open Collector Outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS11 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS11 Datasheet HTML 1Page - Renesas Technology Corp HD74LS11 Datasheet HTML 2Page - Renesas Technology Corp HD74LS11 Datasheet HTML 3Page - Renesas Technology Corp HD74LS11 Datasheet HTML 4Page - Renesas Technology Corp HD74LS11 Datasheet HTML 5Page - Renesas Technology Corp HD74LS11 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.3.00, Jul.13.2005, page 1 of 5
HD74LS11 / HD74LS15
Triple 3-input Positive AND Gates /
Triple 3-input Positive AND Gates (with Open Collector Outputs)
REJ03D0397–0300
Rev.3.00
Jul.13.2005
Features
• Ordering Information
• HD74LS11
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS11P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS11FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
• HD74LS15
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS15FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
1C
1Y
3C
3A
3B
1A
GND
1B
2A
2B
2C
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - HD74LS11

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS11 HITACHI-HD74LS11 Datasheet
50Kb / 5P
Triple 3-input Positive AND Gates(with Open Collector Outputs)
HD74LS11 HITACHI-HD74LS11 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
HD74LS112 HITACHI-HD74LS112 Datasheet
76Kb / 7P
Dual J-K Negative-edge-triggered Flip-Flops(with Preset and Clear)
HD74LS112 HITACHI-HD74LS112 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
More results

Similar Description - HD74LS11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5409 TI-SN5409 Datasheet
245Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5412 TI-SN5412 Datasheet
200Kb / 6P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS
SN54LS15 TI-SN54LS15 Datasheet
151Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS11 HITACHI-HD74LS11 Datasheet
50Kb / 5P
Triple 3-input Positive AND Gates(with Open Collector Outputs)
HD74LS12 HITACHI-HD74LS12 Datasheet
45Kb / 5P
Triple 3-input Positive NAND Gates(with Open Collector Outputs)
logo
Renesas Technology Corp
HD74LS09 RENESAS-HD74LS09 Datasheet
54Kb / 5P
Quadruple 2-Input Positive AND Gates (with Open Collector Outputs)
HD74LS12 RENESAS-HD74LS12 Datasheet
43Kb / 4P
Triple 3-input Positive NAND Gates (with Open Collector Output)
logo
Texas Instruments
SN54ALS12A TI1-SN54ALS12A Datasheet
59Kb / 3P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS15A TI1-SN54ALS15A Datasheet
69Kb / 4P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5412 TI1-SN5412_14 Datasheet
405Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com