Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS40 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS40
Description  Dual 4-input Positive NAND Buffers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS40 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS40 Datasheet HTML 1Page - Renesas Technology Corp HD74LS40 Datasheet HTML 2Page - Renesas Technology Corp HD74LS40 Datasheet HTML 3Page - Renesas Technology Corp HD74LS40 Datasheet HTML 4Page - Renesas Technology Corp HD74LS40 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00, Feb.18.2005, page 1 of 4
HD74LS40
Dual 4-input Positive NAND Buffers
REJ03D0408–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS40FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
2D
2C
NC
2A
2B
1A
GND
1B
NC
1C
1D
1Y
2Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - HD74LS40

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS40 HITACHI-HD74LS40 Datasheet
45Kb / 5P
Dual 4-input Positive NAND Buffers
HD74LS40 HITACHI-HD74LS40 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5440 TI-SN5440 Datasheet
196Kb / 6P
DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Hitachi Semiconductor
HD74LS40 HITACHI-HD74LS40 Datasheet
45Kb / 5P
Dual 4-input Positive NAND Buffers
logo
Texas Instruments
SN54ALS40A TI-SN54ALS40A Datasheet
68Kb / 2P
DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Integral Corp.
IN7440 INTEGRAL-IN7440 Datasheet
196Kb / 4P
Dual 4-Input Positive-NAND Buffers
logo
KODENSHI_AUK CORP.
KK7440 KODENSHI-KK7440 Datasheet
209Kb / 4P
Dual 4-Input Positive-NAND Buffers
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
Quadruple 2-input Positive NAND Buffers
logo
IK Semicon Co., Ltd
IN7440 IKSEMICON-IN7440 Datasheet
199Kb / 4P
Dual 4-Input Positive-NAND Buffers
logo
Texas Instruments
SN74ALS1020A TI1-SN74ALS1020A Datasheet
59Kb / 3P
DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN5440 TI1-SN5440_14 Datasheet
437Kb / 12P
DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN54ALS40A TI1-SN54ALS40A_08 Datasheet
59Kb / 3P
DUAL 4-INPUT POSITIVE-NAND BUFFERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com