Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS47 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS47
Description  BCD-to-Seven-Segment Decoder / Driver (with 15 V Outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS47 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS47 Datasheet HTML 1Page - Renesas Technology Corp HD74LS47 Datasheet HTML 2Page - Renesas Technology Corp HD74LS47 Datasheet HTML 3Page - Renesas Technology Corp HD74LS47 Datasheet HTML 4Page - Renesas Technology Corp HD74LS47 Datasheet HTML 5Page - Renesas Technology Corp HD74LS47 Datasheet HTML 6Page - Renesas Technology Corp HD74LS47 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74LS47
Rev.3.01, May 10, 2006, page 2 of 6
Function Table
Inputs
Outputs
Decimal or
Function
LT
RBI
D
C
B
A
BI/
RBO
a
b
c
d
e
f
g
Note
0
H
H
L
L
L
L
H
ON
ON
ON
ON
ON
ON
OFF
1
H
X
L
L
L
H
H
OFF
ON
ON
OFF
OFF
OFF
OFF
2
H
X
L
L
H
L
H
ON
ON
OFF
ON
ON
OFF
ON
3
H
X
L
L
H
H
H
ON
ON
ON
ON
OFF
OFF
ON
4
H
X
L
H
L
L
H
OFF
ON
ON
OFF
OFF
ON
ON
5
H
X
L
H
L
H
H
ON
OFF
ON
ON
OFF
ON
ON
6
H
X
L
H
H
L
H
OFF
OFF
ON
ON
ON
ON
ON
7
H
X
L
H
H
H
H
ON
ON
ON
OFF
OFF
OFF
OFF
8
H
X
H
L
L
L
H
ON
ON
ON
ON
ON
ON
ON
9
H
X
H
L
L
H
H
ON
ON
ON
OFF
OFF
ON
ON
10
H
X
H
L
H
L
H
OFF
OFF
OFF
ON
ON
OFF
ON
11
H
X
H
L
H
H
H
OFF
OFF
ON
ON
OFF
OFF
ON
12
H
X
H
H
L
L
H
OFF
ON
OFF
OFF
OFF
ON
ON
13
H
X
H
H
L
H
H
ON
OFF
OFF
ON
OFF
ON
ON
14
H
X
H
H
H
L
H
OFF
OFF
OFF
ON
ON
ON
ON
15
H
X
H
H
H
H
H
OFF
OFF
OFF
OFF
OFF
OFF
OFF
1
BI
X
X
X
X
X
X
L
OFF
OFF
OFF
OFF
OFF
OFF
OFF
2
RBI
H
L
L
L
L
L
L
OFF
OFF
OFF
OFF
OFF
OFF
OFF
3
LT
L
X
X
X
X
X
H
ON
ON
ON
ON
ON
ON
ON
4
H; high level, L; low level, X, irrelevant
Notes: 1. The blanking input (BI) must be open or held at a high logic level when output functions 0 through 15 are
desired. The ripple-blanking input (RBI) must be open or high if blanking of a decimal zero is not desired.
2. When a low logic level is applied directly to the blanking input (BI), all segment outputs are off regardless of
the level of any other input.
3. When ripple-blanking input (RBI) and inputs A, B, C, and D are a low level with the lamp test input high, all
segment outputs go off and the ripple-blanking output (RBO) goes to a low level (response condition).
4. When a blanking input / ripple blanking output (BI / RBO) is open or held high and a low is applied to the
lamp-test input, all segment outputs are on.
a
5
4
3
2
1
0
6 7 8 9 101112131415
b
d
c
f
e
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com