Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS48 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS48
Description  BCD-to-Seven-Segment Decoder / Driver (Internal Pull-up outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS48 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS48 Datasheet HTML 1Page - Renesas Technology Corp HD74LS48 Datasheet HTML 2Page - Renesas Technology Corp HD74LS48 Datasheet HTML 3Page - Renesas Technology Corp HD74LS48 Datasheet HTML 4Page - Renesas Technology Corp HD74LS48 Datasheet HTML 5Page - Renesas Technology Corp HD74LS48 Datasheet HTML 6Page - Renesas Technology Corp HD74LS48 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74LS48
Rev.3.00, Jul.22.2005, page 5 of 6
Testing Method
Test Circuit
4.5V
A
B
C
D
LT
RBI
BI/RBO
Input
P.G.
Zout = 50
Ω
Output
VCC
a
b
d
c
e
f
g
RL
CL
Waveform
tPLH
tPHL
VOH
VOL
0 V
3 V
VOH
VOL
tPHL
tPLH
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
Input
In phase output
Out of phase output
tTLH
tTHL
Testing Table
Inputs
Outputs
Item
RBI
D
C
B
A
a
b
c
d
e
f
g
4.5 V
GND
GND
GND
IN
OUT
—
—
OUT
OUT
OUT
—
4.5 V
GND
GND
4.5 V
IN
—
—
OUT
—
OUT
—
—
4.5 V
GND
4.5 V
4.5 V
IN
OUT
OUT
—
OUT
OUT
OUT
OUT
tPLH
tPHL
IN
GND
GND
GND
GND
OUT
OUT
OUT
OUT
OUT
OUT
—



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com