Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS51P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS51P
Description  2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS51P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS51P Datasheet HTML 1Page - Renesas Technology Corp HD74LS51P Datasheet HTML 2Page - Renesas Technology Corp HD74LS51P Datasheet HTML 3Page - Renesas Technology Corp HD74LS51P Datasheet HTML 4Page - Renesas Technology Corp HD74LS51P Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.3.00, Jul.22.2005, page 1 of 4
HD74LS51
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
REJ03D0412–0300
Rev.3.00
Jul.22.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS51P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS51FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
1C
1B
1F
1D
1E
1A
GND
2A
2B
2C
2D
2Y
1Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - HD74LS51P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS51 HITACHI-HD74LS51 Datasheet
42Kb / 5P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
HD74LS51 HITACHI-HD74LS51 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS51P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
HD74LS51 HITACHI-HD74LS51 Datasheet
42Kb / 5P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
HD74LS54 HITACHI-HD74LS54 Datasheet
44Kb / 5P
4-wide 2-input, 3-input AND-OR-INVERT Gates
HD74LS55 HITACHI-HD74LS55 Datasheet
43Kb / 5P
2-wide 4-input AND-OR-INVERT Gates
logo
National Semiconductor ...
54LS51 NSC-54LS51 Datasheet
63Kb / 3P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
Renesas Technology Corp
HD74LS54 RENESAS-HD74LS54 Datasheet
145Kb / 4P
4-wide 2-input, 3-input AND-OR-INVERT Gates
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Texas Instruments
SN74F51 TI1-SN74F51 Datasheet
85Kb / 5P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com