Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS74A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS74A
Description  Dual D-type Positive Edge-triggered Flip-Flops (with Preset and Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS74A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS74A Datasheet HTML 1Page - Renesas Technology Corp HD74LS74A Datasheet HTML 2Page - Renesas Technology Corp HD74LS74A Datasheet HTML 3Page - Renesas Technology Corp HD74LS74A Datasheet HTML 4Page - Renesas Technology Corp HD74LS74A Datasheet HTML 5Page - Renesas Technology Corp HD74LS74A Datasheet HTML 6Page - Renesas Technology Corp HD74LS74A Datasheet HTML 7Page - Renesas Technology Corp HD74LS74A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74LS74A
Rev.3.00, Jul.22.2005, page 2 of 7
Function Table
Input
Output
Preset
Clear
Clock
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H*
H*
H
H
↑
H
H
L
H
H
↑
L
L
H
H
H
L
X
Q0
Q
0
H; high level, L; low level, X; irrelevant,
↑; transition from low to high level,
Q0; level of Q before the indicated steady-state input conditions were established.
Q
0; complement of Q0 or level of Q before the indicated steady-state input conditions were established.
*;This configuration is nonstable, that is, it will not persist when preset and clear inputs return to their inactive (high) level.
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
fclock
0
—
25
MHz
Clock High
tw
25
—
—
Pulse width
Clear Preset
tw
25
—
—
ns
“H” Data
tsu
20
↑
—
—
Setup time
“L” Data
tsu
20
↑
—
—
ns
Hold time
th
5
↑
—
—
ns
Note:
↑; The arrow indicates the rising edge.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com