Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS75 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS75
Description  Quadruple Bistable Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS75 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS75 Datasheet HTML 1Page - Renesas Technology Corp HD74LS75 Datasheet HTML 2Page - Renesas Technology Corp HD74LS75 Datasheet HTML 3Page - Renesas Technology Corp HD74LS75 Datasheet HTML 4Page - Renesas Technology Corp HD74LS75 Datasheet HTML 5Page - Renesas Technology Corp HD74LS75 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74LS75
Rev.3.00, May 10, 2006, page 4 of 5
Testing Method
Test Circuit
D
Q
Q
VCC
RL
CL
Q
Q
RL
CL
D
P.G.
Zout = 50
Ω
G
G
P.G.
Zout = 50
Ω
Notes:
1.
Test is put into the each flip-flop.
2.
CL includes probe and jig capacitance.
3.
All diodes are 1S2074(H).
Waveform
VOH
VOL
VOH
VOL
0V
3V
0V
3V
D
G
Q
Q
tTLH
tTHL
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
tTHL
tPHL
tPHL
tPLH
tPLH
tPHL
tPHL
1.3 V
10%
90%
tTLH
tsu
th
tsu
1
µs
1
µs
th
tPLH
tPLH
10%
500ns
500ns
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
Notes:
1.
Input pulse; D input: PRR = 500 kHz, G input; PRR = 1 MHz, tTHL
≤ 10 ns,t
TLH
≤ 10 ns.
2.
When measuring propugation delay times from the D input, the corresponding G input must be
held high.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com