Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS74AP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74LS74AP
Description  Dual D-type Positive Edge-triggered Flip-Flops (with Preset and Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LS74AP Datasheet(HTML) 4 Page - Renesas Technology Corp

  74LS74AP Datasheet HTML 1Page - Renesas Technology Corp 74LS74AP Datasheet HTML 2Page - Renesas Technology Corp 74LS74AP Datasheet HTML 3Page - Renesas Technology Corp 74LS74AP Datasheet HTML 4Page - Renesas Technology Corp 74LS74AP Datasheet HTML 5Page - Renesas Technology Corp 74LS74AP Datasheet HTML 6Page - Renesas Technology Corp 74LS74AP Datasheet HTML 7Page - Renesas Technology Corp 74LS74AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS74A
Rev.3.00, Jul.22.2005, page 4 of 7
Testing Method
Test Circuit
1.
ƒ
max, tPLH, tPHL (Clock→Q, Q)
PR
4.5V VCC
Output Q
Output
Q
Input
D
CK
Q
Q
CLR
P.G.
Zout = 50
Ω
Same as Load Circuit 1.
RL
Load circuit 1
CL
Input
P.G.
Zout = 50
Ω
Notes:
1.
Test is put into the each flip-flop.
2.
CL includes probe and jig capacitance.
3.
All diodes are 1S2074(H).
2. tPHL, tPLH (Clear or Preset→ Q, Q)
PR
VCC
Output Q
Output
Q
Q
Q
CLR
Same as Load Circuit 1.
RL
Load circuit 1
CL
D
Input
P.G.
Zout = 50
Ω
Input
P.G.
Zout = 50
Ω
CK
Notes:
1.
Test is put into the each flip-flop.
2.
CL includes probe and jig capacitance.
3.
All diodes are 1S2074(H).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com