Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS93 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS93
Description  4-bit Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS93 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS93 Datasheet HTML 1Page - Renesas Technology Corp HD74LS93 Datasheet HTML 2Page - Renesas Technology Corp HD74LS93 Datasheet HTML 3Page - Renesas Technology Corp HD74LS93 Datasheet HTML 4Page - Renesas Technology Corp HD74LS93 Datasheet HTML 5Page - Renesas Technology Corp HD74LS93 Datasheet HTML 6Page - Renesas Technology Corp HD74LS93 Datasheet HTML 7Page - Renesas Technology Corp HD74LS93 Datasheet HTML 8Page - Renesas Technology Corp HD74LS93 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LS93
Rev.2.00, Feb.18.2005, page 4 of 8
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.4
IOL = 4 mA**
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA**
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
Any reset
—
—
–0.4
A input
—
—
–2.4
B input
IIL
—
—
–1.6
mA
VCC = 5.25 V, VI = 0.4 V
Any reset
—
—
20
A input
—
—
40
B input
IIH
—
—
40
µA
VCC = 5.25 V, VI = 2.7 V
Any reset
—
—
0.1
VI = 7 V
A input
—
—
0.2
VI = 5.5 V
Input
current
B input
II
—
—
0.2
mA
VI = 5.5 V
VCC = 5.25 V
Short-circuit output
current
IOS
–20
—
–100
mA
VCC = 5.25 V
Supply current
ICC***
—
9
15
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** QA output is tested at specified IOL plus the limit value of IIL for the B input. This permits driving the B input
while maintaining full fan-out capability.
*** ICC is measured with all outputs open, both R0 inputs grounded following momentary connection to 4.5 V, and
all other inputs grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
A
QA
32
42
—
Maximum count frequency
fmax
B
QB
16
—
—
MHz
tPLH
—
10
16
tPHL
A
QA
—
12
18
tPLH
—
46
70
tPHL
A
QD
—
46
70
tPLH
—
10
16
tPHL
B
QB
—
14
21
tPLH
—
21
32
tPHL
B
QC
—
23
35
tPLH
—
34
51
tPHL
B
QD
—
34
51
Propagation delay time
tPHL
Set-to-0
QA to QD
—
26
40
ns
CL = 15 pF,
RL = 2 k
Ω
Note:
Refer to Test Circuit and Waveform of the Common Item "TTL Common Matter (Document No.: REJ27D0005-
0100)".



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com