Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS93P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS93P
Description  4-bit Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS93P Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS93P Datasheet HTML 1Page - Renesas Technology Corp HD74LS93P Datasheet HTML 2Page - Renesas Technology Corp HD74LS93P Datasheet HTML 3Page - Renesas Technology Corp HD74LS93P Datasheet HTML 4Page - Renesas Technology Corp HD74LS93P Datasheet HTML 5Page - Renesas Technology Corp HD74LS93P Datasheet HTML 6Page - Renesas Technology Corp HD74LS93P Datasheet HTML 7Page - Renesas Technology Corp HD74LS93P Datasheet HTML 8Page - Renesas Technology Corp HD74LS93P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LS93
Rev.2.00, Feb.18.2005, page 6 of 8
Testing Table
Inputs
Outputs
Item
From input
to output
A
B
R0
QA
QB
QC
QD
A
→ Q
IN
to QA
GND
Out
Out
Out
Out
fmax
B
→ Q
4.5 V
IN
GND
—
Out
Out
Out
A
→ QA
IN
to QA
GND
Out
—
—
—
A
→ QD
IN
to QA
GND
—
—
—
Out
B
→ QB
4.5 V
IN
GND
—
Out
—
—
B
→ QC
4.5 V
IN
GND
—
—
Out
—
B
→ QD
4.5 V
IN
GND
—
—
—
Out
tPLH
tPHL
R0**
→ Q
IN*
to QA
IN
Out
Out
Out
Out
* For initialized.
** Measured with each input and unused inputs at 4.5 V.
Waveform
1. fmax, tPLH, tPHL (Clock
→ Q)
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
0V
3V
Clock
QA
QB
QC
QD
1.3 V
tTHL
tPHL (Measure at tn+8)
1.3 V
tPHL (Measure at tn+4)
1.3 V
tPHL(Measure at tn+2)
1.3 V
tPLH (Measure at tn+1)
1.3 V
tPLH (Measure at tn+2)
1.3 V
tPLH (Measure at tn+4)
1.3 V
tPLH (Measure at tn+8)
1.3 V
tPHL (Measure at tn+16)
1.3 V
10%
90%
tTLH
10%
90%
1.3 V
Notes:
1.
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 5 ns, PRR = 1 MHz, duty cycle = 50% and for fmax.,
tTLH = tTHL
≤ 2.5 ns
2.
tn is reference bit time when all outputs are low.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com