Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS86P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74LS86P
Description  Quadruple 2-input Exclusive-OR Gates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LS86P Datasheet(HTML) 1 Page - Renesas Technology Corp

  74LS86P Datasheet HTML 1Page - Renesas Technology Corp 74LS86P Datasheet HTML 2Page - Renesas Technology Corp 74LS86P Datasheet HTML 3Page - Renesas Technology Corp 74LS86P Datasheet HTML 4Page - Renesas Technology Corp 74LS86P Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00, Feb.18.2005, page 1 of 4
HD74LS86
Quadruple 2-input Exclusive-OR Gates
REJ03D0422–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS86P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS86FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS86RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
4B
4A
4Y
3A
3B
1A
GND
1B
1Y
2A
2B
2Y
3Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
Inputs
Outputs
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
H; high level, L; low level


Similar Part No. - 74LS86P

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74LS86 SLS-74LS86 Datasheet
29Kb / 3P
Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
74LS86 FAIRCHILD-74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
logo
Hitachi Semiconductor
74LS86 HITACHI-74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
SYC Electronica
74LS86 SYC-74LS86 Datasheet
107Kb / 5P
Quad 2-Input Exclusive-OR Gate
logo
Silicon Supplies
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
More results

Similar Description - 74LS86P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 2
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com