Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS122 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS122
Description  Retriggerable Monostable Multivibrator (with Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS122 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS122 Datasheet HTML 1Page - Renesas Technology Corp HD74LS122 Datasheet HTML 2Page - Renesas Technology Corp HD74LS122 Datasheet HTML 3Page - Renesas Technology Corp HD74LS122 Datasheet HTML 4Page - Renesas Technology Corp HD74LS122 Datasheet HTML 5Page - Renesas Technology Corp HD74LS122 Datasheet HTML 6Page - Renesas Technology Corp HD74LS122 Datasheet HTML 7Page - Renesas Technology Corp HD74LS122 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Feb.18.2005, page 1 of 7
HD74LS122
Retriggerable Monostable Multivibrator (with Clear)
REJ03D0428–0200
Rev.2.00
Feb.18.2005
This d-c triggered multivibrator features output pulse width control by three method. The basic pulse time is
programmed by selection of external resistance and capacitance values. The HD74LS122 has internal timing resistor
that allows the circuit to be used with only an external capacitor, if so desired. Once triggered, the basic pulse width
may be extended by retriggering the gated low-level -active (A) or high-level active (B) inputs or be reduced by use of
the overriding clear. Figure 1 illustrates pulse control by retriggering and early clear. This device is provided enough
Schmitt hysteresis to ensure jitter-free triggering from the B input with transition rates as slow as 0.1 mV/ns.
A = "L"
A = "L"
Clear = "H"
B
Retrigger Pulse
Output without
retrigger
Output without
clear
"L"
"H"
"H"
"L"
"L"
"L"
"H"
"H"
"H"
"L"
tw + tPLH
tw
Q
B
Clear
Q
Figure 1
Typical Input / Output Pulse


Similar Part No. - HD74LS122

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS122 HITACHI-HD74LS122 Datasheet
91Kb / 7P
Retriggerable Monostable Multivibrators(with Clear)
HD74LS122 HITACHI-HD74LS122 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
List of Unclassifed Man...
74122 ETC1-74122 Datasheet
178Kb / 3P
RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A Datasheet
157Kb / 19P
Retriggerable Monostable Multivibrator
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Renesas Technology Corp
HD74LV2G123A RENESAS-HD74LV2G123A_15 Datasheet
178Kb / 21P
Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com