Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA106 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA106
Description  TURBOSWITCH a ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA106 Datasheet(HTML) 1 Page - STMicroelectronics

  STTA106 Datasheet HTML 1Page - STMicroelectronics STTA106 Datasheet HTML 2Page - STMicroelectronics STTA106 Datasheet HTML 3Page - STMicroelectronics STTA106 Datasheet HTML 4Page - STMicroelectronics STTA106 Datasheet HTML 5Page - STMicroelectronics STTA106 Datasheet HTML 6Page - STMicroelectronics STTA106 Datasheet HTML 7Page - STMicroelectronics STTA106 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFIC TO FREEWHEEL MODE
OPERATIONS : FREEWHEEL OR BOOSTER
DIODE
ULTRA-FAST AND SOFT RECOVERY
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
HIGH FREQUENCY OPERATIONS
FEATURES AND BENEFITS
The TURBOSWITCH is a very high performance
series of ultra-fast high voltage power diodes.
TURBOSWITCH family drastically cuts losses in
both the diode and the associated switching IGBT
and MOSFET in all freewheel mode operations
and is particulary suitable and efficient in motor
control freewheel applications and in booster diode
applications in power factor control circuitries.
Available either in SMB or F126 axial package,
these 600V devices are particularly intended for
use on 240V domestic mains.
DESCRIPTION
IF(AV)
1A
VRRM
600V
trr (typ)
20ns
VF (max)
1.5V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
6
A
IFRM
Repetitive peak forward current
tp = 5
µs
F = 5kHz square
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
25
A
Tj
Maximum operating junction temperature
125
°C
Tstg
Storage temperature range
- 65 to + 150
°C
TM : TURBOSWITCH is a trademark of STMicroelectronics
ABSOLUTE RATINGS (limiting values)
STTA106/U
®
TURBOSWITCH
™ ULTRA-FAST HIGH VOLTAGE DIODE
SMB
STTA106U
F126
STTA106
November 1999 - Ed: 5C
1/8


Similar Part No. - STTA106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112 STMICROELECTRONICS-STTA112 Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA12006TV1 STMICROELECTRONICS-STTA12006TV1 Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA12006TV2 STMICROELECTRONICS-STTA12006TV2 Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1206D STMICROELECTRONICS-STTA1206D Datasheet
141Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results

Similar Description - STTA106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA206S STMICROELECTRONICS-STTA206S Datasheet
104Kb / 8P
TURBOSWITCH A ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806 STMICROELECTRONICS-STTA806 Datasheet
264Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com