Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKD700KL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKD700KL
Description  Silicon Schottky Barrier Diode for Backflow prevention
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKD700KL Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKD700KL Datasheet HTML 1Page - Renesas Technology Corp RKD700KL Datasheet HTML 2Page - Renesas Technology Corp RKD700KL Datasheet HTML 3Page - Renesas Technology Corp RKD700KL Datasheet HTML 4Page - Renesas Technology Corp RKD700KL Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKD700KL
Rev.1.00 Jan 19, 2006 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Reverse voltage
VR
30
V
Non-Repetitive peak forward surge current
IFSM *
200
mA
Average rectified current
IO
50
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note:
10 ms Sinewave 1 pulse
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
—
0.11
0.14
IF = 1
µA
VF2
—
—
0.33
IF = 1 mA
Forward voltage
VF3
—
—
0.43
V
IF = 10 mA
IR1
—
—
45
nA
VR = 3 V
Reverse current
IR2
—
—
1
µA
VR = 30 V
Capacitance
C
—
—
2.8
pF
VR = 1 V, f = 1 MHz
Note
: For EFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com