Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38261EBFS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M38261EBFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38261EBFS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M38261EBFS Datasheet HTML 12Page - Renesas Technology Corp M38261EBFS Datasheet HTML 13Page - Renesas Technology Corp M38261EBFS Datasheet HTML 14Page - Renesas Technology Corp M38261EBFS Datasheet HTML 15Page - Renesas Technology Corp M38261EBFS Datasheet HTML 16Page - Renesas Technology Corp M38261EBFS Datasheet HTML 17Page - Renesas Technology Corp M38261EBFS Datasheet HTML 18Page - Renesas Technology Corp M38261EBFS Datasheet HTML 19Page - Renesas Technology Corp M38261EBFS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 16 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
PWM output
DA2 output
CTCSS output
A/D external trigger input
DA1 output
DTMF input
Diagram No.
Related SFRs
Input/Output
Name
Pin
Non-Port Function
I/O Format
Table 6 List of I/O port function (1)
P00/SEG26–
P07/SEG33
P10/SEG34–
P15/SEG39
P16 , P17
P20–P27
P30/SEG18–
P37/SEG25
P40
P41/INT1,
P42/INT2
P43/φ/TOUT
P44/RXD,
P45/TXD,
P46/SCLK1,
P47/SRDY1
P50/PWM0,
P51/PWM1
P52/RTP0,
P53/RTP1
P54/CNTR0
P55/CNTR1
P56/DA1
P57/ADT/
DA2
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Input/output,
byte unit
Input/output,
6-bit unit
Input/output,
individual bits
Input/output,
individual bits
Output
Input/output,
individual bits
Input/output,
individual bits
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS 3-state output
CMOS compatible
input level
N-channel open-drain
output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
LCD segment output
LCD segment output
Key input (key-on
wake-up) interrupt
input
LCD segment output
INTi interrupt input
Timer 2 output
System clock φ output
Serial I/O1 I/O
Real time port output
Timer X I/O
Timer Y input
PULL register A
Segment output enable
register
PULL register A
Segment output enable
register
PULL register A
PULL register A
Interrupt control register 2
Key input control register
Segment output enable
register
Interrupt edge selection
register
PULL register B
Timer 123 mode register
TOUT/φ output control
register
PULL register B
Serial I/O1 control register
Serial I/O1 status register
UART control register
PULL register B
PWM control register
PULL register B
Timer X mode register
PULL register B
Timer X mode register
PULL register B
Timer Y mode register
PULL register B
DA control register
PULL register B
DA control register
AD control register
(1)
(2)
(1)
(2)
(4)
(3)
(13)
(4)
(12)
(5)
(6)
(7)
(8)
(10)
(9)
(11)
(14)
(15)
(15)
Port P3 output control
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com