Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA1512 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA1512
Description  TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA1512 Datasheet(HTML) 2 Page - STMicroelectronics

  STTA1512 Datasheet HTML 1Page - STMicroelectronics STTA1512 Datasheet HTML 2Page - STMicroelectronics STTA1512 Datasheet HTML 3Page - STMicroelectronics STTA1512 Datasheet HTML 4Page - STMicroelectronics STTA1512 Datasheet HTML 5Page - STMicroelectronics STTA1512 Datasheet HTML 6Page - STMicroelectronics STTA1512 Datasheet HTML 7Page - STMicroelectronics STTA1512 Datasheet HTML 8Page - STMicroelectronics STTA1512 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VF*
Forward voltage drop
IF =15A
Tj = 25
°C
Tj = 125
°C
1.3
2.1
1.9
V
V
IR**
Reverse leakage current
VR =0.8 x
VRRM
Tj = 25
°C
Tj = 125
°C
1.3
100
6.0
µA
mA
Vto
Threshold voltage
Ip < 3.IF(AV)
Tj = 125
°C
1.48
V
Rd
Dynamic resistance
Tj = 125
°C25
m
Ω
Test pulses :
* tp = 380
µs, δ <2%
** tp = 5 ms ,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
Rth(j-c)
Junction to case thermal resistance
SOD93
DOP3I
1.6
2.1
°C/W
P1
Conduction power dissipation
IF(AV) = 15A
δ =0.5
SOD93
DOP3I
Tc= 95
°C
Tc= 78
°C
34
W
Pmax
Total power dissipation
Pmax = P1 + P3
(P3 = 10% P1)
SOD93
DOP3I
Tc= 89
Tc= 70
°C
38
W
THERMAL AND POWER DATA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery
time
Tj = 25
°C
IF = 0.5 A
IR = 1A
Irr = 0.25A
IF =1 A dIF/dt =-50A/
µsVR =30V
55
105
ns
IRM
Maximum reverse
recovery current
Tj = 125
°C VR = 600V IF =15A
dIF/dt = -120 A/
µs
dIF/dt = -500 A/
µs33
20
A
S factor
Softness factor
Tj = 125
°CVR = 600V IF =15A
dIF/dt = -500 A/
µs
1.2
/
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tfr
Forward recovery time
Tj = 25
°C
IF =15 A, dIF/dt = 120 A/
µs
measured at 1.1
× VFmax
900
ns
VFp
Peak forward voltage
Tj = 25
°C
IF =15A, dIF/dt = 120 A/
µs
IF =40A, dIF/dt = 500 A/
µs
40
30
V
TURN-ON SWITCHING
To evaluate the maximum conduction losses use the following equation :
P= Vto xIF(AV) +Rd x IF
2
(RMS)
STTA1512P/PI
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com