Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66258FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66258FP
Description  8192 횞 8-Bit Line Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66258FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66258FP Datasheet HTML 6Page - Renesas Technology Corp M66258FP Datasheet HTML 7Page - Renesas Technology Corp M66258FP Datasheet HTML 8Page - Renesas Technology Corp M66258FP Datasheet HTML 9Page - Renesas Technology Corp M66258FP Datasheet HTML 10Page - Renesas Technology Corp M66258FP Datasheet HTML 11Page - Renesas Technology Corp M66258FP Datasheet HTML 12Page - Renesas Technology Corp M66258FP Datasheet HTML 13Page - Renesas Technology Corp M66258FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
M66258FP
REJ03F0252-0200 Rev.2.00 Sep 14, 2007
Page 13 of 13
Package Dimensions
SSOP24-P-375-0.80
—
JEDEC Code
0.4
24P2U-A
Plastic 24pin 375mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
—
—
0.3
0.1
0.23
10.2
7.4
10.0
0.5
1.27
0.2
—
——
——
—
—
——
——
——
——
——
——
.3
2
0.35
0.25
10.3
7.5
0.8
10.3
0.7
1.4
9.53
0.3
2.65
0.45
0.3
10.4
7.6
10.6
0.9
0.1
b2
0.5
0°
8°
e
e1
24
13
12
1
D
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F
z
Z1
Detail G
Z1
0.75
0.9
z
b
G
EIAJ Package Code
Weight(g)
Lead Material
Cu Alloy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com