Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62320P
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320P Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62320P Datasheet HTML 1Page - Renesas Technology Corp M62320P Datasheet HTML 2Page - Renesas Technology Corp M62320P Datasheet HTML 3Page - Renesas Technology Corp M62320P Datasheet HTML 4Page - Renesas Technology Corp M62320P Datasheet HTML 5Page - Renesas Technology Corp M62320P Datasheet HTML 6Page - Renesas Technology Corp M62320P Datasheet HTML 7Page - Renesas Technology Corp M62320P Datasheet HTML 8Page - Renesas Technology Corp M62320P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REJ03D0863-0300 Rev.3.00 Mar 25, 2008
Page 1 of 10
M62320P/FP
8-bit I/O Expander for I
2C BUS
REJ03D0863-0300
Rev.3.00
Mar 25, 2008
Description
The M62320P/FP is a CMOS 8-bit I/O expander, which has serial to parallel and parallel to serial data converting
functions.
It can communicate with a microcontroller via few wiring thanks to the adoption of the two-line I
2C BUS.
Parallel data I/O terminal can be set to input or output mode alternatively in individual bits.
Maximum 8 ICs can be connected to a bus by using three chip-select pins, so that it is possible to handle up to 64 bits
data.
Features
• Simple two-line (SCL and SDA) communication with a microcontroller.
• 8-bit data conversion between serial and parallel by I2C BUS.
• Built-in power-on reset.
Application
I/O port expansion for a microcontroller.
Data conversion between serial and parallel in microcontroller peripherals.
Block Diagram
D0
5
D1
6
D2
7
D3
9
D4
10
D5
11
D6
12
D7
4
13
8
VDD
GND
8
8
8
8
8
8
Input data
Output data
Input/output
1
3
SDA
2
SCL
15
CS1
14
CS2
16
CS0
SO
I2C Bus
transceiver
Shift register
Input data
latch
I/O setting
data latch
Output data
latch
I/O port
Power-on
reset
Chip-select


Similar Part No. - M62320P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
8-BIT I/O EXPANDER for I2C BUS
More results

Similar Description - M62320P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
8-BIT I/O EXPANDER for I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
8-bit I/O Expander for I2C BUS
logo
Texas Instruments
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
Remote 8-bit I/O expander for I2C-bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com