Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62320FP
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62320FP Datasheet HTML 3Page - Renesas Technology Corp M62320FP Datasheet HTML 4Page - Renesas Technology Corp M62320FP Datasheet HTML 5Page - Renesas Technology Corp M62320FP Datasheet HTML 6Page - Renesas Technology Corp M62320FP Datasheet HTML 7Page - Renesas Technology Corp M62320FP Datasheet HTML 8Page - Renesas Technology Corp M62320FP Datasheet HTML 9Page - Renesas Technology Corp M62320FP Datasheet HTML 10Page - Renesas Technology Corp M62320FP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M62320P/FP
REJ03D0863-0300 Rev.3.00 Mar 25, 2008
Page 7 of 10
Functional Description
All parallel data I/O terminals are set to the input-state after power-on. In case any terminals need to be set to the
output state, the corresponding terminals should be set during the write mode. This setting is hold until a next setting.
In the write mode, 8 bits data can be transmitted from the I
2C BUS interface to the parallel ports continually after the
slave address and I/O setting.
In the read mode, 8 bits data can be transmitted from the parallel ports to the I
2C BUS interface continually after the
slave address setting.
In the case of a changing between the write-and read-mode, the data must be transmitted again from the starting
condition.
• In a case of a data conversion from serial to parallel.
SDA
SCL
1
2
3
4
5
6
7
8
1
2345678
A1 A0
A2
11
1
00
A
P2 P1
P3
P5 P4
P6
P7
P0
A
D12 D11
D13
D15 D14
D16
D17
D10
A
D22 D21
D23
D25 D24
D26
D27
D20
A
D2X
D1X
Hi-Z
D0
to
D7
DATA
DATA
I/O setting byte
Slave address
Transmission from a master (MCU etc.)
Transmission from a slave (M62320)
Start
condition
Stop
condition
Data output
Data output
• In a case of a data conversion from parallel to serial.
All I/O setting resistors are set to low (input) in the write mode, before a parallel data is read. (All I/O setting
resistors are set to the input mode after power-on).
SDA
Slave address
I/O setting byte
SCL
1
2
3
4
5
6
7
8
12345678
A1 A0
A2
11
1
00
A
P2 P1
P3
P5 P4
P6
P7
P0
A
Hi-Z
D0 to D7
output
SDA
SCL
1234567
8
A1 A0
A2
11
1
01
A
D12
D13
D15 D14
D16
D17
D11 D10
D32 D31
D33
D35 D34
A
D36
D37
D30
A
D42
D43
D45 D44
D46
D47
D41 D40
A
1234567
8
Hi-Z
D0 to D7
output
DATA
DATA
DATA
Slave address
D1X
D2X
D3X
D4X
D0 to D7
input
(example)
Transmission from a master (MCU etc.)
Transmission from a slave (M62320)
Start
condition
Start
condition
Stop
condition
Data latch
Data latch
Data latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com