Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA3006P Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA3006P
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA3006P Datasheet(HTML) 4 Page - STMicroelectronics

  STTA3006P Datasheet HTML 1Page - STMicroelectronics STTA3006P Datasheet HTML 2Page - STMicroelectronics STTA3006P Datasheet HTML 3Page - STMicroelectronics STTA3006P Datasheet HTML 4Page - STMicroelectronics STTA3006P Datasheet HTML 5Page - STMicroelectronics STTA3006P Datasheet HTML 6Page - STMicroelectronics STTA3006P Datasheet HTML 7Page - STMicroelectronics STTA3006P Datasheet HTML 8Page - STMicroelectronics STTA3006P Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
trr(ns)
0
100 200 300 400 500 600 700 800 900 1000
0
25
50
75
100
125
150
175
200
225
250
VR= 400V
dIF/dt( A/ s)
IF=30A
IF=15A
IF=6 0A
90% CONFIDENCE Tj=125 C
o
Fig. 5: Reverse recovery time versus dIF/dt.
S factor
0
100 200 300 400 500 600 700 800 900 1000
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
dIF/dt(A/ s)
VR=400V
IF<2xI F( av)
Typical values Tj=125 C
o
Fig. 6: Softness factor (tb/ta) versus dIF/dt.
0
255075
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
IRM
S factor
Tj(oC)
Fig. 7: Relative variation of dynamic parameters
versus junction temperature (reference Tj=125
°C).
VFP(V)
0
100
200
300
400
500
600
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
IF=IF(av)
Fig. 8: Transient peak forward voltage versus
dIF/dt.
tfr(ns)
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
450
500
550
600
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
VFr=1.1*VF max.
IF =IF (av)
Fig. 9: Forward recovery time versus dIF/dt.
STTA6006TV1/2/ STTA3006P/PI
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com