Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA306B Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTA306B
Description  TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA306B Datasheet(HTML) 2 Page - STMicroelectronics

  STTA306B Datasheet HTML 1Page - STMicroelectronics STTA306B Datasheet HTML 2Page - STMicroelectronics STTA306B Datasheet HTML 3Page - STMicroelectronics STTA306B Datasheet HTML 4Page - STMicroelectronics STTA306B Datasheet HTML 5Page - STMicroelectronics STTA306B Datasheet HTML 6Page - STMicroelectronics STTA306B Datasheet HTML 7Page - STMicroelectronics STTA306B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Tests conditions
Value
Unit
Rth (j-c)
Junction to case
6
°C/W
P1
Conduction power dissipation
IF(AV) = 1.5A,
δ = 0.5
Tc = 110°C
2.5
W
Pmax
Total power dissipation
Pmax = P1 + P3
(P3 = 10% P1)
Tc = 108°C
2.8
W
THERMAL AND POWER DATA
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
VF **
Forward voltage drop
Tj = 25
°CIF = 3 A
1.85
V
Tj = 125
°CIF = 3 A
1.3
1.65
IR *
Reverse leakage
current
Tj = 25
°CVR = 0.8 X VRRM
20
µA
Tj = 125
°C
500
1200
Vto
Threshold voltage
Ip < 3.IF(AV)
Tj = 125°C
1.15
V
Rd
Dynamic resistance
175
m
Ω
Test pulse :
* tp = 380
µs, δ < 2%
** tp = 5 ms,
δ < 2%
STATIC ELECTRICAL CHARACTERISTICS
To evaluate the maximum conduction losses use the following equation :
P = Vto x IF(AV) + Rd x IF
2
(RMS)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
trr
Tj = 25°C
IF=0.5A IR=1A Irr=0.25A
IF=1A
dIF/dt= -50A/
µs
VR=30V
20
50
ns
IRM
Maximum reverse
recovery current
Tj = 125°C
IF=3A VR=400V
dIF/dt = -16A/
µs
dIF/dt = -50A/
µs2.0
1.2
A
S factor
Softness factor
Tj = 125°C
VR=400V
IF=3A
dIF/dt = -50A/
µs
1.1
-
DYNAMIC ELECTRICAL CHARACTERISTICS
TURN-OFF SWITCHING
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tfr
Forward recovery
time
Tj = 25°C
IF=3A dIF/dt = 16A/
µs
Measured at 1.1 x VFmax
500
ns
VFP
Peak forward
voltage
Tj = 25°C
IF=2A dIF/dt = 16A/
µs10
V
TURN-ON SWITCHING
STTA306B
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com