Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62352FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62352FP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62352FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62352FP Datasheet HTML 1Page - Renesas Technology Corp M62352FP Datasheet HTML 2Page - Renesas Technology Corp M62352FP Datasheet HTML 3Page - Renesas Technology Corp M62352FP Datasheet HTML 4Page - Renesas Technology Corp M62352FP Datasheet HTML 5Page - Renesas Technology Corp M62352FP Datasheet HTML 6Page - Renesas Technology Corp M62352FP Datasheet HTML 7Page - Renesas Technology Corp M62352FP Datasheet HTML 8Page - Renesas Technology Corp M62352FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M62352P/FP/GP
REJ03D0868-0300 Rev.3.00 Mar 25, 2008
Page 4 of 9
Electrical Characteristics
Digital Part
(VCC, VrefU = +5 V ± 10%, VCC ≥ VrefU, GND, VrefL = 0 V, Ta = –20°C to +85°C, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply voltage
VCC
4.5
5.0
5.5
V
Circuit current
ICC
—
1.6
3.2
mA
CLK = 1 MHz operation
IOA = 0 µA
Input leak current
IILK
–10
—
10
µA
VIN = 0 to VCC
Input low voltage
VIL
—
—
0.2 VCC
V
Input high voltage
VIH
0.8 VCC
—
—
V
Output low voltage
VOL
—
—
0.4
V
IOL = 2.5 mA
Output high voltage
VOH
VCC – 0.4
—
—
V
IOH = –400 µA
Analog Part
(VCC, VrefU = +5 V ± 10%, VCC ≥ VrefU, Ta = –20°C to +85°C, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Current dissipation
IDD
—
1.5
3.5
mA
VrefU = 5 V, VrefL = 0 V, IAO = 0 µA
Data condition; at maximum current
D/A converter upper
reference voltage range
VDD
3.5
—
VCC
V
D/A converter lower
reference voltage range
VSS
GND
—
VCC – 3.5
V
The output dose not necessarily be
the value within the reference voltage
setting range. The output value is
determined by the buffer amplifier
output voltage range (VAO)
0.1
—
VCC – 0.1
IOA = ±100 µA
Buffer amplifier output
voltage range
VAO
0.2
—
VCC – 0.2
V
IOA = ±500 µA
Buffer amplifier output
drive range
IAO
–1
—
1
mA
Upper side saturation voltage = 0.3 V
Lower side saturation voltage = 0.2 V
Differential nonlinearity
error
SDL
–1.0
—
1.0
LSB
Nonlinearity error
SL
–1.5
—
1.5
LSB
Zero code error
SZERO
–2
—
2
LSB
Full scale error
SFULL
–2
—
2
LSB
VrefU = 4.79 V
VrefL = 0.95 V
VCC = 5.5 V (15 mV/LSB)
Without load (IOA = ±0 µA)
Output capacitive load
CO
—
—
0.1
µF
Buffer amplifier output
impedance
RO
—
5
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com