Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62354FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62354FP
Description  8-bit 6ch D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62354FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62354FP Datasheet HTML 1Page - Renesas Technology Corp M62354FP Datasheet HTML 2Page - Renesas Technology Corp M62354FP Datasheet HTML 3Page - Renesas Technology Corp M62354FP Datasheet HTML 4Page - Renesas Technology Corp M62354FP Datasheet HTML 5Page - Renesas Technology Corp M62354FP Datasheet HTML 6Page - Renesas Technology Corp M62354FP Datasheet HTML 7Page - Renesas Technology Corp M62354FP Datasheet HTML 8Page - Renesas Technology Corp M62354FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M62354P/FP/GP
REJ03D0872-0300 Rev.3.00 Mar 25, 2008
Page 2 of 9
Pin Arrangement
DO
VCC
LD
CLK
VDD
AO5
AO3
GND
VSS
AO4
AO6
DI
AO1
AO2
M62354P/FP
(Top view)
Outline: 14P4
PRSP0014DD-A (14P2N-A)
4
1
2
3
5
11
14
13
12
10
69
7
8
DO
VCC
LD
CLK
VDD
AO5
AO3
NC
NC: No connection
GND
VSS
AO4
AO6
DI
AO1
AO2
NC
M62354GP
(Top view)
Outline: PLSP0016JA-A (16P2E-A)
4
1
2
3
5
13
16
15
14
12
6
7
11
10
89
Pin Description
Pin No.
Pin Name
Function
4 (4)
DI
Serial data input terminal
1 (1)
DO
Serial data output terminal
3 (3)
CLK
Serial clock input terminal
2 (2)
LD
LD terminal input high level then latch circuit data load
5 (5)
AO1
6 (6)
AO2
9 (11)
AO3
10 (12)
AO4
11 (13)
AO5
12 (14)
AO6
8-bit D/A converter output terminal
14 (16)
VCC
Power supply terminal
7 (8)
GND
Digital and analog common GND
13 (15)
VDD
D/A converter upper reference voltage input terminal
8 (9)
VSS
D/A converter lower reference voltage input terminal
Note:
( ) : M62354GP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com