Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62364FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62364FP
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62364FP Datasheet HTML 1Page - Renesas Technology Corp M62364FP Datasheet HTML 2Page - Renesas Technology Corp M62364FP Datasheet HTML 3Page - Renesas Technology Corp M62364FP Datasheet HTML 4Page - Renesas Technology Corp M62364FP Datasheet HTML 5Page - Renesas Technology Corp M62364FP Datasheet HTML 6Page - Renesas Technology Corp M62364FP Datasheet HTML 7Page - Renesas Technology Corp M62364FP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M62364FP
REJ03D0875-0300 Rev.3.00 Mar 25, 2008
Page 2 of 7
Pin Arrangement
24 VIN8
VOUT8
VOUT7
VIN7
GND
RESET
VDAref
Do
VIN6
VIN1
VOUT1
VOUT2
VIN2
VDD
LD
CLK
DI
23
22
21
20
19
18
17
16
9
VOUT6
VIN3
15
10
VOUT5
VOUT4
VOUT3
14
11
VIN5
VIN4
13
12
8
7
6
5
4
3
2
1
M62364FP
(Top view)
Outline: PRSP0024GA-A (24P2Q-A)
Pin Description
Pin No.
Pin Name
Function
8
DI
Serial data input
17
DO
Serial data output
7
CLK
Shift clock input. Input data of DI are taken into the 12-bit shift register on a rising edge of
the clock.
6
LD
A low state enables data loading to the 12-bit shift register.
During a rising edge of LD, the data will be loaded to the output register.
19
RESET
Reset 8-bit latches
2
VOUT1
3
VOUT2
10
VOUT3
11
VOUT4
14
VOUT5
15
VOUT6
22
VOUT7
23
VOUT8
D/A converter output with 8-bit resolution
5
VDD
Power supply
20
GND
Ground
1
VIN1
4
VIN2
9
VIN3
12
VIN4
13
VIN5
16
VIN6
21
VIN7
24
VIN8
D/A converter input
18
VDAref
D/A converter reference voltage input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com