Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62366GP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62366GP
Description  3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62366GP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62366GP Datasheet HTML 1Page - Renesas Technology Corp M62366GP Datasheet HTML 2Page - Renesas Technology Corp M62366GP Datasheet HTML 3Page - Renesas Technology Corp M62366GP Datasheet HTML 4Page - Renesas Technology Corp M62366GP Datasheet HTML 5Page - Renesas Technology Corp M62366GP Datasheet HTML 6Page - Renesas Technology Corp M62366GP Datasheet HTML 7Page - Renesas Technology Corp M62366GP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M62366GP
REJ03D0876-0300 Rev.3.00 Mar 25, 2008
Page 2 of 7
Pin Arrangement
20
GND
AO2
AO1
DI
CLK
LD
Do
AO12
VSS
(VrefL)
VDD
(VrefU)
AO3
AO4
AO5
AO6
AO7
AO8
AO9
19
18
17
16
15
14
13
8
7
6
AO11
VCC
AO10
11
12
10
9
5
4
3
2
1
M62366GP
(Top view)
Outline: 20P2E-A
Pin Description
Pin No.
Pin Name
Function
17
DI
Serial data input terminal to input 12-bit long serial data
14
DO
Terminal to output MSB data of 12-bit shift register
16
CLK
Shift clock input terminal. Input signal at DI pin is input to 12-bit shift register at rise of shift
clock pulse
15
LD
When H-level signal is input to this terminal, the value stored in 12-bit shift register is
loaded in decoder and D/A converter output register.
18
AO1
19
AO2
2
AO3
3
AO4
4
AO5
5
AO6
6
AO7
7
AO8
8
AO9
9
AO10
12
AO11
13
AO12
8-bit D/A converter output terminal
11
VCC
Power supply terminal
20
GND
GND terminal
10
VDD
D/A converter upper reference voltage input terminal
1
VSS
D/A converter lower reference voltage input terminal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com