Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62382FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62382FP
Description  5 V Type 12-bit 4ch Composite Multiplying D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62382FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62382FP Datasheet HTML 1Page - Renesas Technology Corp M62382FP Datasheet HTML 2Page - Renesas Technology Corp M62382FP Datasheet HTML 3Page - Renesas Technology Corp M62382FP Datasheet HTML 4Page - Renesas Technology Corp M62382FP Datasheet HTML 5Page - Renesas Technology Corp M62382FP Datasheet HTML 6Page - Renesas Technology Corp M62382FP Datasheet HTML 7Page - Renesas Technology Corp M62382FP Datasheet HTML 8Page - Renesas Technology Corp M62382FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M62382FP
REJ03D0882-0300 Rev.3.00 Mar 25, 2008
Page 2 of 10
Block Diagram
Z00
Z01
D11
D10
D09
D08
D03
D02
D01
D00
D07
D04
D05
D06
LD
A05
A02
A08
A07
A06
A04
A00
2-4
A01
A03
DA-selector
0-level 12-bit
D/A register
12
12
12
12
24
8
24
8
24
28
24
28
28
3
3
3
for
12-bit
D/A
12-bit register
8-bit register
12-bit D/A C
for
offset
8-bit
D/A
for
gain
8-bit
D/A
8-bit register
8-bit D/A C
for offset
8-bit D/A C
for gain
0 dB
0 dB
CH1 D/A C
CH2 D/A C
CH3 D/A C
CH4 D/A C
VDD
VSS
VCC
GND
VDD
VSS
VCC
GND
VrefU (12DA) 1
DAout (12DA) 1
DAout (8DA1) 1
VrefL (8DA1) 1
VrefU (8DA1) 1
VrefU (8DA2) 1
DAout (8DA2) 1
VrefL (8DA2) 1
VrefU (12DA) 2
DAout (12DA) 2
VrefL (12DA) 2
VrefU (8DA1) 2
DAout (8DA1) 2
VrefL (8DA1) 2
VrefU (8DA2) 2
DAout (8DA2) 2
VrefL (8DA2) 2
VrefU (12DA) 3
DAout (12DA) 3
VrefL (12DA) 3
VrefU (8DA1) 3
DAout (8DA1) 3
VrefL (8DA1) 3
VrefU (8DA2) 3
DAout (8DA2) 3
VrefL (8DA2) 3
VrefU (12DA) 4
DAout (12DA) 4
VrefL (12DA) 4
VrefU (8DA1) 4
DAout (8DA1) 4
VrefL (8DA1) 4
VrefU (8DA2) 4
DAout (8DA2) 4
VrefL (8DA2) 4
VrefL (12DA) 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com