Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA406RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTA406RL
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA406RL Datasheet(HTML) 3 Page - STMicroelectronics

  STTA406RL Datasheet HTML 1Page - STMicroelectronics STTA406RL Datasheet HTML 2Page - STMicroelectronics STTA406RL Datasheet HTML 3Page - STMicroelectronics STTA406RL Datasheet HTML 4Page - STMicroelectronics STTA406RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(av)(A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1: Power dissipation versus average forward
current.
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Tamb(°C)
IF(av)(A)
Rth(j-a)=Rth(j-l)
Rth(j-a)=75°C/W
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E-3
1E-2
1E-1
1E+0
tp(s)
K=[Zth(j-a)/Rth(j-a)]
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 3: Relative variation of thermal impedance
junction to ambient versus pulse duration (epoxy
printed circuit board, e(Cu)=35
µm), recommended
pad layout).
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
1
2
3
4
5
VFM(V)
IFM(A)
Tj=125°C
Maximum values
Tj=125°C
Typical values
Tj=25°C
Maximum values
Fig. 4-1: Forward voltage drop versus forward
current (low level).
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
1
10
50
VFM(V)
IFM(A)
Tj=125°C
Typical values
Tj=125°C
Maximum values
Tj=25°C
Maximum values
Fig 4-2 : Forward voltage drop versus forward
current (high level).
STTA406
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com