Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62437FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62437FP
Description  Sound Controller With SRS Focus & SRS Surround
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62437FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62437FP Datasheet HTML 1Page - Renesas Technology Corp M62437FP Datasheet HTML 2Page - Renesas Technology Corp M62437FP Datasheet HTML 3Page - Renesas Technology Corp M62437FP Datasheet HTML 4Page - Renesas Technology Corp M62437FP Datasheet HTML 5Page - Renesas Technology Corp M62437FP Datasheet HTML 6Page - Renesas Technology Corp M62437FP Datasheet HTML 7Page - Renesas Technology Corp M62437FP Datasheet HTML 8Page - Renesas Technology Corp M62437FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M62437FP
REJ03F0216-0201 Rev.2.01 Mar 31, 2008
Page 2 of 11
Block Diagram
& Application Example
18
16
14
12
10
8
6
4
2
1
22
23
26
28
30
32
34
36
40
42
17
19
15
13
11
9
7
5
3
41
37
35
33
31
29
25
21
20
39
38
24
27
3 k
Ω
C9
0.01
µF
C2
0.01
µF
2.2
µF
REF
FOCUS IN
SRS OUT
Vref
SRS OUT
FOCUS IN
I/F
10
µF
Cref
2.2
µF
OUT
2.2
µF
OUT
C6
0.1
µF
NC
NC
NC
SRS
ON/OFF
FOCUS
ON/OFF
C7
470 pF
C3
0.82
µF
C1
0.018
µF
C12
0.0039
µF
IN
V
CC
V
CC
V
CC
C10
0.22
µF
NP
2.2
µF
R41
2.4 k
Ω
R39
2.4 k
Ω
3 k
Ω
C16
390 pF
IN
C6
470 pF
C9
0.22
µF
NP
2.2
µF
C17
390 pF
C13
0.0039
µF
2.2
µF
Vol.4
10 k
Ω
Vol.5
1 k
Ω
Vol.1
1 k
Ω
Vol.2
1 k
Ω
Vol.3
10 k
Ω
+
+
+
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com