Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA512F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTA512F
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA512F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTA512F Datasheet HTML 2Page - STMicroelectronics STTA512F Datasheet HTML 3Page - STMicroelectronics STTA512F Datasheet HTML 4Page - STMicroelectronics STTA512F Datasheet HTML 5Page - STMicroelectronics STTA512F Datasheet HTML 6Page - STMicroelectronics STTA512F Datasheet HTML 7Page - STMicroelectronics STTA512F Datasheet HTML 8Page - STMicroelectronics STTA512F Datasheet HTML 9Page - STMicroelectronics STTA512F Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Turn-on losses :
(in the transistor, due to the diode)
P5 =
VR
× IRM 2
× ( 3 + 2 × S ) × F
6
x dIF ⁄ dt
+
VR
× IRM × IL × ( S + 2 ) × F
2
x dIF
⁄ dt
Turn-off losses (in the diode) :
P3 =
VR
× IRM 2
× S × F
6
xdIF
⁄ dt
Turn-off losses :
(with non negligible serial inductance)
P3’ =
VR
× IRM 2
× S × F
6
xdIF
⁄ dt
+
L
× IRM 2 × F
2
P3,P3’ and P5 are suitable for power MOSFET and
IGBT
Fig. F: TURN-OFF CHARACTERISTICS
I F
V F
V Fp
1.1V F
V F
F
dI /dt
0
0t
t
I Fmax
tfr
Fig. G: TURN-ON CHARACTERISTICS
Turn-on losses :
P4 = 0.4 (VFP -VF). IFmax .tfr .F
APPLICATION DATA (Cont’d)
dI
F /dt = VR /L
dI /dt
R
tb
ta
I
RM
V
R
I
V
t
S = tb/ta
trr = ta + tb
RECTIFIER
OPERATION
V
I
IL
t
TRANSISTOR
dI /dt
F
dI /dt
R
tb
ta
I RM
VR
DIODE
I
V
t
trr = ta + tb
S = tb / ta
STTA512D/F/B
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com