Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA506 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA506
Description  TURBOSWITCH E ULTRA-FAST HIGH VOLTAGE DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA506 Datasheet(HTML) 4 Page - STMicroelectronics

  STTA506 Datasheet HTML 1Page - STMicroelectronics STTA506 Datasheet HTML 2Page - STMicroelectronics STTA506 Datasheet HTML 3Page - STMicroelectronics STTA506 Datasheet HTML 4Page - STMicroelectronics STTA506 Datasheet HTML 5Page - STMicroelectronics STTA506 Datasheet HTML 6Page - STMicroelectronics STTA506 Datasheet HTML 7Page - STMicroelectronics STTA506 Datasheet HTML 8Page - STMicroelectronics STTA506 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0
102030405060708090 100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IF= IF( av)
VFP(V)
dIF/dt(A/ s)
90% CONFIDENCE Tj=125 C
o
Fig. 7: Transient peak forward voltage versus
dIF/ft.
tfr(ns)
0
102030
405060
708090 100
0
50
100
150
200
250
300
350
400
450
500
VFr=1.1*VF max.
IF= IF( av)
90% CONFIDENCE Tj=125 C
o
dIF/dt( A/ s)
Fig. 8: Forward recovery time versus dIF/dt.
Fig. 10: Relative cariation of thermal transient im-
pedance junction to case versus pulse duration
(ISOWATT220AC).
Fig. 9: Relative cariation of thermal transient im-
pedance junction to case versus pulse duration
(TO-220AC and DPAK).
STTA506D/F/B
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com