Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA806 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTA806
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA806 Datasheet(HTML) 4 Page - STMicroelectronics

  STTA806 Datasheet HTML 1Page - STMicroelectronics STTA806 Datasheet HTML 2Page - STMicroelectronics STTA806 Datasheet HTML 3Page - STMicroelectronics STTA806 Datasheet HTML 4Page - STMicroelectronics STTA806 Datasheet HTML 5Page - STMicroelectronics STTA806 Datasheet HTML 6Page - STMicroelectronics STTA806 Datasheet HTML 7Page - STMicroelectronics STTA806 Datasheet HTML 8Page - STMicroelectronics STTA806 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
IRM
S factor
Tj(oC)
Fig. 7: Relative variation of dynamic parameters
versus junction temperature (reference Tj=125
°C).
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VFP(V)
IF=IF (av)
90% CONFIDENCE Tj=125 C
o
dIF/dt( A/ s)
Fig. 8: Transient peak forward voltage versus
dIF/dt.
0
20
40
60
80
100
120
140
160
50
100
150
200
250
300
350
400
450
500
tfr(ns)
0
VFr=1.1*VF max.
IF=IF(av)
90% CONFIDENCE Tj=125 C
o
dIF/dt(A/ s)
Fig. 9: Forward recovery time versus dIF/dt.
STTA806D/DI/G
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com